PART |
Description |
Maker |
IDT74LVC374ASO IDT74LVC374A IDT74LVC374APG IDT74LV |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP
|
IDT[Integrated Device Technology]
|
AM27C512 AM27C4096-55DC AM27C4096-55DCB AM27C4096- |
512 Kilobit (64 K x 8-Bit) CMOS EPROM 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 90 ns, CDIP28 Quad bistable latches 16-SOIC 0 to 70 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 120 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 55 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-SO 0 to 70 64K X 8 UVPROM, 200 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-PDIP 0 to 70 512千比特(64亩8位)的CMOS存储 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SSOP 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 64K X 8 UVPROM, 70 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 Quad bistable latches 16-PDIP 0 to 70 Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
74ACT244SJX 74AC244 74AC244MTC 74AC244MTCX 74AC244 |
Octal Buffer/Line Driver with 3-STATE Outputs Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SO 0 to 70 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
HD74LV273A |
Octal D-type Edge-triggered Flip-Flops with Clear
|
Hitachi Semiconductor
|
MM74HC574 MM74HC574MTCX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop
|
Fairchild Semiconductor
|
M74LS374P |
Octal Positive Edge-Triggered D-Type Flip FLops
|
Mitsubishi Electric
|
U74LVC374G-P20-T |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
HD74LS273 74LS273 |
Octal D-type Positive-edge-triggered Flip-Flops(with Clear)
|
HITACHI[Hitachi Semiconductor]
|
HD74LS374 HD74LS374RPEL HD74LS374FPEL HD74LS374P |
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
|
Renesas Electronics Corporation
|
74LS273 M74LS273P 74273 |
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
HD74LV574A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
LT1507IN8-3.3 LT1507CN8-3.3 LT1507CS8-3.3 |
500kHz Monolithic Buck Mode Switching Regulator PTB 21C 21#16 PIN/SKT RECP 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 24-SO 0 to 70 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 24-SOIC 0 to 70
|
http:// Linear Technology, Corp. 稳压
|